Part Number Hot Search : 
CMOZ2L7 BC142 BR24C08 RA101 72201 X7550D BZT52C33 340102
Product Description
Full Text Search
 

To Download SP-100-135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
100W Single Output with PFC Function
Features :
SP-100
series
Universal AC input / full range Built-in active PFC function, PF>0.93 Protections:Short circuit/Over load/Over voltage Built-in constant current limiting circuit Remote ON-OFF control(Optional) LED indicator for power on 100% full load burn-in test Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE FUNCTION SP-100-3.3 3.3V 20A 0 ~ 20A 66W SP-100-5 5V 20A 0 ~ 20A 100W 100mVp-p 2.0% 0.5% 1.0% SP-100-7.5 7.5V 13.5A 0 ~ 13.5A 101.25W 100mVp-p 2.0% 0.5% 1.0% SP-100-12 12V 8.5A 0 ~ 8.5A 102W 100mVp-p 2.0% 0.5% 0.5% SP-100-13.5 SP-100-15 13.5V 7.5A 0 ~ 7.5A 101.25W 100mVp-p 2.0% 0.5% 0.5% 15V 6.7A 0 ~ 6.7A 100.5W 100mVp-p 2.0% 0.5% 0.5% SP-100-24 24V 4.2A 0 ~ 4.2A 100.8W 150mVp-p 1.0% 0.5% 0.5% SP-100-27 27V 3.8A 0 ~ 3.8A 102.6W 150mVp-p 1.0% 0.5% 0.5% SP-100-48 48V 2.1A 0 ~ 2.1A 100.8W 250mVp-p 1.0% 0.5% 0.5%
RIPPLE & NOISE (max.) Note.2 100mVp-p 2.0% 0.5% 1.0%
3.14 ~ 3.63V 4.75 ~ 5.5V
7.13 ~ 8.25V 11.4 ~ 13.2V 12.8 ~ 14.9V 14.3 ~ 16.5V 22.8 ~ 26.4V 25.7 ~ 29.7V 45.6 ~ 52.8V
600ms, 30ms at full load 20ms at full load 85 ~ 264VAC 47 ~ 63Hz PF>0.93/230VAC 70% 76% PF>0.98/115VAC at full load 78% 80% 80% 82% 84% 83% 82% 120 ~ 370VDC
1.7A/115VAC 0.8A/230VAC COLD START 30A/230VAC <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 3.63 ~ 4.46V 5.5 ~ 6.75V 8.25 ~ 10.13V 13.2 ~ 16.2V 14.85 ~ 18.23V 16.5 ~ 20.25V 26.4 ~ 32.4V 29.7 ~ 36.45V 52.8 ~ 64.8V
Protection type : Shut down o/p voltage, re-power on to recover REMOTE CONTROL(OPTION) CN1:4 ~ 10VDC POWER ON, <0 ~ 0.8VDC POWER OFF -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.05%/ (0 ~ 50 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC
(Note 4)
HARMONIC CURRENT EMS IMMUNITY MTBF
Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A 211.3K hrs min. MIL-HDBK-217F (25 179*99*45mm (L*W*H) 0.66Kg; 20pcs/14.3Kg/1.17CUFT )
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:SP-100-SPEC 2005-09-13
100W Single Output with PFC Function
Mechanical Specification
179 20 25 60 25 117 65 123
SP-100
Case No. 915A
series
Unit:mm
R.C. +V ADJ.
CN1 1 2 LED 7 6 5 4 3 2 1 10 5-M3 L=3mm 49.5 38 2-M4 L=5mm 51
9.5
8
15 142 25
16
25
25
4-M4 L=6mm
Terminal pin number assignment :
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. 4,5 6,7 Assignment DC OUTPUT -V DC OUTPUT +V
Remote ON/OFF(CN1):JST S2B-XH or equivalent(optional)
Pin No. 1 2 Assignment RC+ RCMating Housing JST XHP or equivalent Terminal JST SXH-001T-P0.6 or equivalent
Derating Curve
Output Derating VS Input Voltage
Ta=25
100
SP-100-12~48 SP-100-3.3~7.5 (With 18CFM FAN)
100 90 80
80
60
LOAD (%)
SP-100-3.3 SP-100-5 SP-100-7.5
70
LOAD (%)
40
60 50 40
20
-10 -10
0 0
10 10
20 20
40 45
50 55
55 60
60 (HORIZONTAL) 70 (VERTICAL)
85
100
115
135
12.5
45
155
119
230
79
99
264
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (VAC) 60Hz
File Name:SP-100-SPEC 2005-09-13
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of SP-100-135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X